| データシートサーチシステム |
|
BKA データシート(PDF) 14 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
BKA データシート(HTML) 14 Page - ITT Industries |
|
14 / 19 page ![]() www.ittcannon.com 15 Dimensions are shown in inches (millimeters). Dimensions subject to change. ARINC 600 Rack and Panel Connectors BKAD/E/F Sizes 1 Coax Contacts (71W1 layout only) Sizes 1 Coax Contacts (To be used with connectors containing 71W1A, 71W1B and 2W2 insert modifier-"M") Same standard coax contacts as used in ITT Cannon's DPX (ARINC 404) connector series. Cable Accommodation RG-9/U RG-214/U NSA 935354 NSA 935355 RG-55/U RG-58/U RG-142/U RG-400/U RG-58/U RG-142/U RG-225/U RG-402/U UT-141 RG-402/U UT-141 SMA Jack Termination Coax Part Number 249-1521-000 249-1521-002 021-0144-000 021-0144-003 021-0144-006 021-0144-001 249-2201-000 249-1554-002 249-1604-003 249-5027-016 - 249-1554-000 249-1604-001 249-1604-002 249-5027-008 249-5027-017 Style Straight Straight Straight - - 90˚ Replacement Coax Termination Kit Replacement Coax Body Assembly Cable Accommodation RG-9/U NSA 935354 NSA 935355 RG-58/U RG-142/U RG-402/U RG-214/U RG-115/U Cable Accommodation Cable Accommodation Standard Size 1 Part Number 349-0017-000 349-1053-003 349-1053-007 349-1053-006 349-1053-008 349-1053-005 349-1053-004 349-1053-003 349-1053-002 349-1053-001 349-1053-000 - - - 320-1066-000 Straight Straight Straight Straight Straight Straight Straight Straight Straight Straight Straight 320-1066-003 320-1066-006 320-1066-005 - 320-1066-002 - 320-1066-001 320-1066-004 - - - - 349-0017-000 349-0017-000 349-0018-000 349-0005-000 349-0007-000 - - - - - - - Modular Size 1 Part Number Style Termination Kit for Modular Size 1 Coax Part Number RG-142B/U RG-214/U RG-393/U BA-6903 5012H3012 (Raychem) RG-142B/U RG-402/U UT-141 AA-5888 ECS-310801 ECS-311201 AA-5886 AA-5887 Adam Russell PC-38 BSX-7004-502 RG-402/U UT-141 SMA Jack Termination RG-214/U RG-393/U BA-6903 (BG) 5012H3012 (Raychem) RG-142B/U RG-402/U UT-141 Style Right Angle Right Angle Straight Straight Straight Straight Straight 349-0021-000 349-0022-000 349-0023-000 349-0002-000 349-0004-000 349-0006-000 349-0008-000 Designed to be interchangeable with contacts made by other manufacturers. Coax Part Number 249-1522-000 249-1522-002 249-2202-000 021-0144-004 021-0144-008 021-0144-011 320-0051-000 249-5027-013 249-5027-015 249-1882-000 249-1885-002 249-5123-000 249-5123-001 - Style Straight Straight Straight Replacement Coax Termination Kit Replacement Coax Body Assembly Receptacle Connector Plug Connector Receptacle Connector Plug Connector |