データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM79C901AVCT データシート(PDF) 42 Page - Advanced Micro Devices

部品番号 AM79C901AVCT
部品情報  HomePHY Single-Chip 1/10 Mbps Home Networking PHY
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C901AVCT データシート(HTML) 42 Page - Advanced Micro Devices

Back Button AM79C901AVCT Datasheet HTML 38Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 39Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 40Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 41Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 42Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 43Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 44Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 45Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 46Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 90 page
background image
42
Am79C901A
PR ELI M IN AR Y
Notes:
1. IN = input cells, samples the device inputs and internal
outputs; OUT = output cells, drives the device outputs and
internal inputs; and CO = control cells, controls the output
enable.
2. BSR Cell 0 is closest to TDO.
18
LED_POWER
IN
5
17
LED_POWER
OUT
5
BSR Cell
No.
Cell Name
Cell
Type1
Pin
No.
16
LED_ACTIVITY
CO
3
15
LED_ACTIVITY
IN
3
14
LED_ACTIVITY
OUT
3
13
LED_COL
CO
2
12
LED_COL
IN
2
11
LED_COL
OUT
2
10
LED_LINK
CO
1
9LED_LINK
IN
1
8LED_LINK
OUT
1
7
MDC_SCLK
IN
68
6MDIO
IN
66
5MDIO
OUT
66
4
MDIO_OEN
CO
–
3ISOLATE
IN
65
2PHY_AD
IN
64
1MODE_MII
IN
63
0
RESET_L
IN
61
3. Boundary register is 54 bits long. Data path starts
from TDI to cell 53, cell 0 to TDO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90