データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM79C901AVCT データシート(PDF) 1 Page - Advanced Micro Devices

部品番号 AM79C901AVCT
部品情報  HomePHY Single-Chip 1/10 Mbps Home Networking PHY
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C901AVCT データシート(HTML) 1 Page - Advanced Micro Devices

  AM79C901AVCT Datasheet HTML 1Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 2Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 3Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 4Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 5Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 6Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 7Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 8Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 90 page
background image
PRELIMINARY
Publication# 22304
Rev: C Amendment/0
Issue Date: July 2000
Refer to AMD’s Website (www.amd.com) for the latest information.
Am79C901A
HomePHY™
Single-Chip 1/10 Mbps Home Networking PHY
DISTINCTIVE CHARACTERISTICS
n Fully integrated 1 Mbps HomePNA Physical
Layer (PHY) as defined by Home Phoneline
Networking Alliance (HomePNA)
specification 1.1
— Optimized for home networking applications
over existing telephone wire
— Media Independent Interface (MII)-compatible
for connecting external Media Access
Controller (MAC)
— In-band control features:
Adjustable power and speed levels
32 bits of reserved in-band messaging piggy-
backed on Ethernet packet
— Register programmable features:
Power control
Speed control
Performance registers
Optional control of Squelch algorithm
Major frame timing parameters programma-
ble: ISBI, AID ISBI, pulse width, inter-symbol
time
— any1Home™ link detection:
Indicates to the MAC that a valid home net-
working node has been detected
Detects a network failure and allows the
upper layer protocol to take corrective action
n Fully integrated 10 Mbps Ethernet transceiver
— Comprehensive Auto-Negotiation
implementation
— IEEE 802.3u-compliant MII
— Full-duplex operation supported on the MII
port with independent Transmit (TX) and
Receive (RX) channels
— Optimized for 10BASE-T applications
n Compliant with HomePNA specification 1.1
n General Purpose Serial Interface (GPSI)/Serial
Peripheral Interface (SPI)
n Extensive programmable internal/external
loopback capabilities
n Extensive LED status support
n IEEE 1149.1-compliant JTAG Boundary Scan
test access port interface
n Very low power consumption
n +3.3 V power supply along with 5 V tolerant I/Os
enable broad system compatibility
— XTAL1 supports 3.3 V I/O only
— XTAL2 supports 1.0 V I/O only
n Available in 68-pin PLCC and 80-pin TQFP
packages
n Industrial Temperature Support (-40ºC to +85ºC)
GENERAL DESCRIPTION
The Am79C901A HomePHY is a single-chip device
that contains both a physical layer (PHY) for 1 Mbps
data networking over existing residential telephone
wir ing based on the specification published by
HomePNA and a physical layer for supporting the
IEEE 802.3 standard for 10BASE-T. The HomePHY
is targeted at embedded applications and has both
GPSI and MII-compatible interfaces.
The integrated HomePNA transceiver is a physical
layer device that enables data networking at speeds
up to 1 Mbps over existing residential phone wiring
regardles s of to po logy and without disr upting
telephone (POTS) service.
The integrated Ethernet transceiver is a physical
layer device supporting the IEEE 802.3 standard for
10BASE-T. It provides all of the PHY layer functions
required to support 10 Mbps data transfer speeds.
A compliant IEEE 1149.1 JTAG test interface for
board level testing is provided. The Am79C901A
PHY also provides on-chip LED drivers for collision,
link integrity, speed, activity, and power output.
The Am79C901A PHY is fabricated in an advanced
low power 3.3 V CMOS process to provide low
operating current for power sensitive applications.
T he A m 79C901A P H Y is a v ai lab l e in t h e
commercial temperature range (0ºC to +70ºC) in
68-pin PLCC and 80-pin TQFP packages. The
A m 79C901A also s u p por t s t he i ndust r ial
temperature range (-40ºC to +85ºC) in the 80-pin
TQFP package. The industrial temperature range is
well suited to environments with enclosures with
restricted air flow or outdoor equipment.


同様の部品番号 - AM79C901AVCT

メーカー部品番号データシート部品情報
logo
Advanced Micro Devices
AM79C90 AMD-AM79C90 Datasheet
437Kb / 62P
CMOS Local Area Network Controller for Ethernet (C-LANCE)
logo
Pulse A Technitrol Comp...
AM79C90 PULSE-AM79C90 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Advanced Micro Devices
AM79C90JC AMD-AM79C90JC Datasheet
437Kb / 62P
CMOS Local Area Network Controller for Ethernet (C-LANCE)
AM79C90JCTR AMD-AM79C90JCTR Datasheet
437Kb / 62P
CMOS Local Area Network Controller for Ethernet (C-LANCE)
AM79C90PC AMD-AM79C90PC Datasheet
437Kb / 62P
CMOS Local Area Network Controller for Ethernet (C-LANCE)
More results

同様の説明 - AM79C901AVCT

メーカー部品番号データシート部品情報
logo
Advanced Micro Devices
AM79C978 AMD-AM79C978 Datasheet
3Mb / 261P
Single-Chip 1/10 Mbps PCI Home Networking Controller
AM79C978A AMD-AM79C978A Datasheet
3Mb / 256P
Single-Chip 1/10 Mbps PCI Home Networking Controller
logo
PCA ELECTRONICS INC.
EPB5047AS PCA-EPB5047AS Datasheet
29Kb / 1P
Home Phone Networking Magnetic Module
logo
Intel Corporation
LXT972M INTEL-LXT972M Datasheet
1Mb / 92P
Single-Port 10/100 Mbps PHY Transceiver
logo
PCA ELECTRONICS INC.
EPB5211G PCA-EPB5211G Datasheet
39Kb / 1P
Home Phone Networking Transformer
EPB5212S PCA-EPB5212S Datasheet
39Kb / 1P
Home Phone Networking Transformer
logo
Bothhand USA, LP.
HR003S BOTHHAND-HR003S Datasheet
39Kb / 1P
HOME LAN NETWORKING & 10 /100 -T XFMER
HR003X BOTHHAND-HR003X Datasheet
33Kb / 1P
HOME LAN NETWORKING & 10 /100 -T XFMER
logo
PCA ELECTRONICS INC.
EPB5035G PCA-EPB5035G_07 Datasheet
23Kb / 1P
Home Phone Networking
logo
Pulse A Technitrol Comp...
B891 PULSE-B891 Datasheet
460Kb / 1P
Home Phone Networking Transformer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90