| データシートサーチシステム |
|
ICS1893 データシート(PDF) 30 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS1893 データシート(HTML) 30 Page - Renesas Technology Corp |
|
30 / 153 page ![]() ICS1893 Rev C 6/6/00 June, 2000 30 Chapter 6 Interface Overviews ICS1893 Data Sheet - Release Copyright © 2000, Integrated Circuit Systems, Inc. All rights reserved. Table 6-2 lists the pin mappings for the ICS1893 10M Serial Interface mode. Table 6-2. Pin Mappings for 10M Serial Interface Mode Default 10M / 100M MII Pin Names MAC/Repeater Interface Pin Mappings, Configured for 10M Serial Interface Mode COL 10COL CRS 10CRS MDC MDC MDIO MDIO RXCLK 10RCLK RXD0 10RD RXD[3:1] No connect. [Data reception is serial, so only the 10RD (RXD0) pin is needed.] RXDV 10RXDV RXER No connect. (10Base-T mode does not support error generation or detection.) TXCLK 10TCLK TXD0 10TD TXD[3:1] No connect. [Data transmission is serial, so only the 10TD (TXD0) pin is needed.] TXEN 10TXEN TXER No connect. (10Base-T mode does not support error generation or detection.) |