| データシートサーチシステム |
|
ICS1893 データシート(PDF) 73 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS1893 データシート(HTML) 73 Page - Renesas Technology Corp |
|
73 / 153 page ![]() Chapter 8 Management Register Set ICS1893 Rev C 6/6/00 June, 2000 73 ICS1893 - Release Copyright © 2000, Integrated Circuit Systems, Inc. All rights reserved. IEEE-Assigned Organizationally Unique Identifier (OUI) For each manufacturing organization, the IEEE assigns an 3-octet OUI. For Integrated Circuit Systems, Inc. the IEEE-assigned 3-octet OUI is 00A0BEh. The binary representation of an OUI is formed by expressing each octet as a sequence of eight bits, from least significant to most significant, and from left to right. Table 8-8 provides the ISO/IEC-defined mapping of the OUI (in IEEE Std 802-1990 format) to Management Registers 2 and 3. Table 8-8. IEEE-Assigned Organizationally Unique Identifier First Octet Second Octet Third Octet 0 0 0 A E B a b c d e f g h i j k l m n o p q r s t u v w x 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 1 0 1 1 1 1 1 0 1 0 0 1 5 F 1 2.15:12 2.11:8 2.7:4 2.3:0 3.15:12 3.11:10 Register 2 Register 3 |