| データシートサーチシステム |
|
ICS1893 データシート(PDF) 134 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS1893 データシート(HTML) 134 Page - Renesas Technology Corp |
|
134 / 153 page ![]() ICS1893 Rev C 6/6/00 June, 2000 134 Chapter 10 DC and AC Operating Conditions ICS1893 Data Sheet - Release Copyright © 2000, Integrated Circuit Systems, Inc. All rights reserved. 10.5.8 10M Serial Interface: Receive Latency Table 10-15 lists the significant time periods for the 10M Serial Interface timing. The time periods consist of timings of signals on the following pins: • TP_RX (the MDI mapping of the 10M/100M MII TP_RXP and TP_RXN pins) • 10RCLK (the 10M Serial Interface mapping of the 10M/100M MII RXCLK pins) • 10RD (the 10M Serial Interface mapping of the 10M/100M MII RXD0 pins) Figure 10-9 shows the timing diagram for the time periods. Figure 10-9. 10M Serial Interface Receive Latency Timing Table 10-15. 10M Serial Interface Receive Latency Timing Time Period Parameter Conditions Min. Typ. Max. Units t1 TP_RX Input to 10RD Delay 10M Serial Interface – 3.6 4 Bit times TP_RX 10RCLK 10RD Bit A Bit B Bit A Bit B t1 |