| データシートサーチシステム |
|
ICS1893AF データシート(PDF) 120 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS1893AF データシート(HTML) 120 Page - Renesas Technology Corp |
|
120 / 137 page ![]() ICS1893AF, Rev D 10/26/04 October, 2004 120 Chapter 10 DC and AC Operating Conditions ICS1893AF Data Sheet - Release Copyright © 2004, Integrated Circuit Systems, Inc. All rights reserved. 10.5.7 MII Management Interface Timing Table 10-14 lists the significant time periods for the MII Management Interface timing (which consists of timings of signals on the MDC and MDIO pins). Figure 10-8 shows the timing diagram for the time periods. † The ICS1893AF is tested at 25 MHz (a 40-ns period) with a 50-pF load. Designs must account for all board loading of MDC. Figure 10-8. MII Management Interface Timing Diagram Table 10-14. MII Management Interface Timing Time Period Parameter Conditions Min. Typ. Max. Units t1 MDC Minimum High Time – 160 – – ns t2 MDC Minimum Low Time – 160 – – ns t3 MDC Period – 400† † – ns t4 MDC Rise Time to MDIO Valid – 0 – 300 ns t5 MDIO Setup Time to MDC – 10 – – ns t6 MDIO Hold Time after MDC – 10 – – ns MDC MDIO (Output) MDC MDIO (Input) t1 t2 t3 t4 t5 t6 |