| データシートサーチシステム |
|
ICS1893AF データシート(PDF) 121 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS1893AF データシート(HTML) 121 Page - Renesas Technology Corp |
|
121 / 137 page ![]() Chapter 10 DC and AC Operating Conditions ICS1893AF, Rev. D 10/26/04 October, 2004 121 ICS1893AF Data Sheet - Release Copyright © 2004, Integrated Circuit Systems, Inc. All rights reserved. 10.5.8 10M Media Independent Interface: Receive Latency Table 10-15 lists the significant time periods for the 10M MII timing. The time periods consist of timings of signals on the following pins: • TP_RX (that is, the MII TP_RXP and TP_RXN pins) • RXCLK • RXD Figure 10-9 shows the timing diagram for the time periods. Figure 10-9. 10M MII Receive Latency Timing Diagram Table 10-15. 10M MII Receive Latency Time Period Parameter Conditions Min. Typ. Max. Units t1 First Bit of /5/ on TP_RX to /5/D/ on RXD 10M MII – 6.5 7 Bit times † Manchester encoding is not shown. 5 5 D 5 t1 TP_RX† RXCLK RXD |