| データシートサーチシステム |
|
ICS1893AFILFT データシート(PDF) 135 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS1893AFILFT データシート(HTML) 135 Page - Renesas Technology Corp |
|
135 / 137 page ![]() Chapter 12 Ordering Information ICS1893AF, Rev. D 10/26/04 October, 2004 135 ICS1893AF Data Sheet - Release Copyright © 2004, Integrated Circuit Systems, Inc. All rights reserved. Chapter 12 Ordering Information Figure 12-1. shows ordering information for the ICS1893AF. "T" = Tape and Reel. Part / Order Number Marking Package Temperature ICS1893AFLFT 1893AFLF 48-Lead 300-mil SSOP 0 ° C to 70° C ICS1893AFILFT 1893AFILF 48-Lead 300-mil SSOP -40 ° C to 85° C ICS1893AFLF 1893AFLF 48-Lead 300-mil SSOP 0 ° C to 70° C ICS1893AFILF 1893AFILF 48-Lead 300-mil SSOP -40 ° C to 85° C |