| データシートサーチシステム |
|
ICS1893CF データシート(PDF) 4 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS1893CF データシート(HTML) 4 Page - Renesas Technology Corp |
|
4 / 127 page ![]() ICS1893CF, Rev. K, 05/13/10 May, 2010 4 Chapter 1 Abbreviations and Acronyms ICS1893CF Data Sheet - Release Copyright © 2009, Integrated Device Technology, Inc. All rights reserved. OSI Open Systems Interconnection OUI Organizationally Unique Identifier PCS Physical Coding sublayer PHY physical-layer device The ICS1893CF is a physical-layer device, also referred to as a ‘PHY’ or ‘PHYceiver’. (The ICS1890 is also a physical-layer device.) PLL phase-locked loop PMA Physical Medium Attachment PMD Physical Medium Dependent ppm parts per million RO read only R/W read/write R/W0 read/write zero SC self-clearing SF Special Functions SFD Start-of-Frame Delimiter SI Stream Interface, Serial Interface, or Symbol Interface. With reference to the MII/SI pin, the acronym ‘SI’ has multiple meanings. • Generically, SI means 'Stream Interface', and is documented as such in this data sheet. • However, when the MAC Interface is configured for: – 10M operations, SI is an acronym for 'Serial Interface'. – 100M operations, SI is an acronym for 'Symbol Interface'. SQE Signal Quality Error SSD Start-of-Stream Delimiter SSOP Small Shrink Outline Package STA Station Management Entity STP shielded twisted pair TAF Technology Ability Field TP-PMD Twisted-Pair Physical Layer Medium Dependent Typ. typical UTP unshielded twisted pair Table 1-1. Abbreviations and Acronyms (Continued) Abbreviation / Acronym Interpretation |