| データシートサーチシステム |
|
ICS1893CFILF データシート(PDF) 111 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS1893CFILF データシート(HTML) 111 Page - Renesas Technology Corp |
|
111 / 127 page ![]() Chapter 9 DC and AC Operating Conditions ICS1893CF, Rev. K, 05/13/10 May, 2010 111 ICS1893CF Data Sheet Rev. J - Release Copyright © 2009, Integrated Device Technology, Inc. All rights reserved. 9.5.9 10M Media Independent Interface: Transmit Latency Table 9-16 lists the significant time periods for the 10M MII transmit latency. The time periods consist of timings of signals on the following pins: • TXEN • TXCLK • TXD (that is, TXD[3:0]) • TP_TX (that is, TP_TXP and TP_TXN) Figure 9-10 shows the timing diagram for the time periods. Figure 9-10. 10M MII Transmit Latency Timing Diagram Table 9-16. 10M MII Transmit Latency Timing Time Period Parameter Conditions Min. Typ. Max. Units t1 TXD Sampled to MDI Output of First Bit 10M MII – 1.2 2 Bit times TXCLK TXEN TXD † Manchester encoding is not shown. 55 5 t1 TP_TX† |