| データシートサーチシステム |
|
ICS1893BKILF データシート(PDF) 110 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS1893BKILF データシート(HTML) 110 Page - Renesas Technology Corp |
|
110 / 133 page ![]() ICS1893BF, Rev. F, 5/13/10 May, 2010 110 Chapter 9 DC and AC Operating Conditions ICS1893BF Data Sheet - Release Copyright © 2009, IDT, Inc. All rights reserved. 9.5 Timing Diagrams 9.5.1 Timing for Clock Reference In (REF_IN) Pin Table 9-8 lists the significant time periods for signals on the clock reference in (REF_IN) pin. Figure 9-2 shows the timing diagram for the time periods. Note: The REF_IN switching point is 50% of VDD. Figure 9-2. REF_IN Timing Diagram Table 9-8. REF_IN Timing Time Period Parameter Conditions Min. Typ. Max. Units t1 REF_IN Duty Cycle – 45 50 55 % t2 REF_IN Period – – 40 – ns REF_IN t1 t2 |