| データシートサーチシステム |
|
ICS1893BKILF データシート(PDF) 111 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS1893BKILF データシート(HTML) 111 Page - Renesas Technology Corp |
|
111 / 133 page ![]() Chapter 9 DC and AC Operating Conditions ICS1893BF, Rev. F, 5/13/10 May, 2010 111 ICS1893BF Data Sheet Rev. F - Release Copyright © 2009, IDT, Inc. All rights reserved. 9.5.2 Timing for Transmit Clock (TXCLK) Pins Table 9-9 lists the significant time periods for signals on the Transmit Clock (TXCLK) pins for the various interfaces. Figure 9-3 shows the timing diagram for the time periods. Figure 9-3. Transmit Clock Timing Diagram Table 9-9. Transmit Clock Timing Time Period Parameter Conditions Min. Typ. Max. Units t1 TXCLK Duty Cycle – 35 50 65 % t2a TXCLK Period 100M MII (100Base-TX) – 40 – ns t2b TXCLK Period 10M MII (10Base-T) – 400 – ns t1 t2x TXCLK |