| データシートサーチシステム |
|
MF-156DS-R13-170 データシート(PDF) 3 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
MF-156DS-R13-170 データシート(HTML) 3 Page - Mitsubishi Electric Semiconductor |
|
3 / 9 page ![]() MITSUBISHI (OPTICAL DEVICES) MF-156DF-T12-20x/29x/23x MF-156DS-R13-17x SONET/SDH TRANSMITTER & RECIEVER OPTICAL CHARACTERISTICS Parameter Specification Unit ITU code S-1.1 L-1.1 L-1.2 Min. Max. Min. Max. Min. Max. Optical Budget 0 14 0 29 0 30 dB Transmitter Wavelength 1261 1360 1280 1335 1480 1580 nm Optical source MLM SLM(MLM) SLM - Optical power at pigtail -14 -8 -5 0 -4 0 dBm Optical power when disable - -45 - -45 - -45 dBm Spectral width(rms) - 4 - -(4) - - nm Spectral width(-20dB) - - - 1(-) - 1 nm SMSR - - 30(-) - 30 - dB Extinction ratio 8.2 - 10 - 10 - dB Optical wave form SONET/SDH Mask compliant - Path penalty (dispersion = ITU-T compliant) -1 -1 -1 dB Receiver Min. Typ. Max. Wavelength 1260 - 1580 nm Sensitivity - -36 -34 dBm Overload 0 +1 - dBm ORDERING INFORMATION Transmitter Part number ITU-code Optical connector type MF-156DF-T12-200 S-1.1 FC MF-156DF-T12-201 S-1.1 SC MF-156DF-T12-202 S-1.1 ST MF-156DF-T12-290 L-1.1 FC MF-156DF-T12-291 L-1.1 SC MF-156DF-T12-292 L-1.1 ST MF-156DF-T12-230 L-1.2 FC MF-156DF-T12-231 L-1.2 SC MF-156DF-T12-232 L-1.2 ST Receiver Part number ITU-code Optical connector type MF-156DS-R13-170 STM-1 FC MF-156DS-R13-171 STM-1 SC MF-156DS-R13-172 STM-1 ST |