| データシートサーチシステム |
|
MF-156DS-R13-170 データシート(PDF) 2 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
MF-156DS-R13-170 データシート(HTML) 2 Page - Mitsubishi Electric Semiconductor |
|
2 / 9 page ![]() MITSUBISHI (OPTICAL DEVICES) MF-156DF-T12-20x/29x/23x MF-156DS-R13-17x SONET/SDH TRANSMITTER & RECIEVER ELECTRICAL CHARACTERISTICS All parameters are specified over the operating case temperature. Measurement conditions are at 155.52Mb/s+/-20ppm, NRZ PN2 23-1 and 50% duty cycle data signal. The DATA input/output and CLOCK output signal levels are PECL compatible. The transmitter disable input signal level is CMOS/TTL compatible. The Signal Detect output signal level is PECL level compatible. Transmitter Parameters Condition Symbol Min. Typ. Max. Unit Supply voltage - Vcc 4.75 5.0 5.25 V Power consumption - Pc - 0.5 1.3 W PECL input voltage note 1 - PECL - Transmitter Disable voltage note 2 Vd Vcc-2.0V - Vcc V Transmitter Enable voltage note 2 Ve 0 - 0.8 V Laser bias monitor voltage note 3 Vb 0.01 - 0.45 V Laser backface monitor voltage note 3 Vbf 0.01 - 0.20 V Receiver Parameters Condition Symbol Min. Typ. Max. Unit Supply voltage - Vcc 4.75 5.0 5.25 V Power consumption - Pc - 1.0 1.5 W PECL input voltage note 4,5 - PECL - Data/Clock external Load note 4 RI 50 ohm Data to clock phase note 6 Tcda -800 - 800 psec. Clock duty note 6 - 45 - 55 % Jitter - - ITU Rec.compliant - Signal Detect Response Time: Decreasing Light Input note 5,7 SDRTd - - 100 us Signal Detect Response Time: Increasing Light Input note 5,7 SDRTi - - 100 us Photo Bias Current Responsity note 8 PBr 0.6 - - A/W |