データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS7341 データシート(PDF) 68 Page - ams AG

部品番号 AS7341
部品情報  11-Channel Multi-Spectral Digital Sensor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS7341 データシート(HTML) 68 Page - ams AG

Back Button AS7341 Datasheet HTML 61Page - ams AG AS7341 Datasheet HTML 62Page - ams AG AS7341 Datasheet HTML 63Page - ams AG AS7341 Datasheet HTML 64Page - ams AG AS7341 Datasheet HTML 65Page - ams AG AS7341 Datasheet HTML 66Page - ams AG AS7341 Datasheet HTML 67Page - ams AG AS7341 Datasheet HTML 68Page - ams AG AS7341 Datasheet HTML 69Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 68 / 69 page
background image
Document Feedback
AS7341
Revision Information
Datasheet
• PUBLIC
DS000504
• v3-00 • 2020-Jun-25
68
│ 67
15
Revision Information
Document Status
Product Status
Definition
Product Preview
Pre-Development
Information in this datasheet is based on product ideas in the planning phase
of development. All specifications are design goals without any warranty and
are subject to change without notice
Preliminary Datasheet
Pre-Production
Information in this datasheet is based on products in the design, validation or
qualification phase of development. The performance and parameters shown
in this document are preliminary without any warranty and are subject to
change without notice
Datasheet
Production
Information in this datasheet is based on products in ramp-up to full production
or full production which conform to specifications in accordance with the terms
of ams AG standard warranty as given in the General Terms of Trade
Datasheet
(discontinued)
Discontinued
Information in this datasheet is based on products which conform to
specifications in accordance with the terms of ams AG standard warranty as
given in the General Terms of Trade, but these products have been
superseded and should not be used for new designs
Changes from previous version to current revision v3-00
Page
-added figure 7
6
-fixed typos and document maintenance
ALL
●
Page and figure numbers for the previous version may differ from page and figure numbers in the current revision.
●
Correction of typographical errors is not explicitly mentioned.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69