データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS7341 データシート(PDF) 44 Page - ams AG

部品番号 AS7341
部品情報  11-Channel Multi-Spectral Digital Sensor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS7341 データシート(HTML) 44 Page - ams AG

Back Button AS7341 Datasheet HTML 40Page - ams AG AS7341 Datasheet HTML 41Page - ams AG AS7341 Datasheet HTML 42Page - ams AG AS7341 Datasheet HTML 43Page - ams AG AS7341 Datasheet HTML 44Page - ams AG AS7341 Datasheet HTML 45Page - ams AG AS7341 Datasheet HTML 46Page - ams AG AS7341 Datasheet HTML 47Page - ams AG AS7341 Datasheet HTML 48Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 69 page
background image
Document Feedback
AS7341
Register Description
Datasheet
• PUBLIC
DS000504
• v3-00 • 2020-Jun-25
68
│ 43
Addr: 0x87
SP _TH_H_MSB
Bit
Bit Name
Default
Access
Bit Description
Both SP_TH_H registers are combined to a 16-bit
threshold. If the value captured by channel 0 is
above the high threshold and the APERS value is
reached the bit SP_IEN is set and an interrupt is
generated.
CFG12 Register (Address 0xB5)
Figure 61:
CFG12 Register
Addr: 0xB5
CFG12
Bit
Bit Name
Default
Access
Bit Description
7:3
reserved
0
reserved
2:0
SP_TH_CH
0
RW
Spectral Threshold Channel.
Sets the channel used for interrupts, persistence and
the AGC, if enabled, to determine device status and
gain settings.
VALUE
CHANNEL
0
CH0
1
CH1
2
CH2
3
CH3
4
CH4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69