データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

C01G3 データシート(PDF) 11 Page - Norgren Ltd

部品番号 C01G3
部品情報  PUSH-IN fittings, metric
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NORGREN [Norgren Ltd]
ホームページ  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

C01G3 データシート(HTML) 11 Page - Norgren Ltd

Back Button C01G3 Datasheet HTML 7Page - Norgren Ltd C01G3 Datasheet HTML 8Page - Norgren Ltd C01G3 Datasheet HTML 9Page - Norgren Ltd C01G3 Datasheet HTML 10Page - Norgren Ltd C01G3 Datasheet HTML 11Page - Norgren Ltd C01G3 Datasheet HTML 12Page - Norgren Ltd C01G3 Datasheet HTML 13Page - Norgren Ltd C01G3 Datasheet HTML 14Page - Norgren Ltd C01G3 Datasheet HTML 15Page - Norgren Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Our policy is one of continued research and development. We therefore reserve the right to amend,
without notice, the specifications given in this document. (2006 - 9005f) © 2015 Norgren Ltd.
Pneufit® C series
PUSH-IN fittings, metric
en 9.1.020.11
4/15
Dimensions in mm
Projection/First angle
Union Y
C0082
Swivel Y adaptor
C0188
Stem Y
C0084
Swivel Y adaptor
C0288
Ø A
Ø A1
C
D
H
L
O
Model
4
4
37
3,3
14,5
10,5
10,5
C00820400
6
6
40
3,3
16,5
12,5
12,5
C00820600
8
8
43
4,3
18,5
14,5
14,5
C00820800
10
10
47,5
4,3
19
17,5
17,5
C00821000
12
12
53
4,3
22
20,5
20,5
C00821200
Equal
Unequal
Ø A
Ø A1
C
D
H
L
O
Model
4
6
38
3,3
15
10,5
10,5
C00820604
4
8
39,5
3,3
15
10,5
15
C00820804
6
8
41
4,3
16
12,5
13
C00820806
6
10
43
3,3
16,5
13
17,5
C00821006
8
10
43
4,3
17
14,5
15
C00821008
8
12
48
3,3
17,5
15
21
C00821208
10
12
46,5
4,3
18,5
17,5
18
C00821210
Ø A
B
C
G
L
Model
4
M5
35
4,5
10,5
10
C02880405
4
M6
35
4,5
10,5
10
C02880406
4
G1/8
41
6
10,5
14
C02880418
4
G1/4
43
8
10,5
17
C02880428
4
G3/8
43
8
10,5
20
C02880438
6
M5
41,5
4,5
12,5
12
C02880605
6
M6
41,5
4,5
12,5
12
C02880606
6
G1/8
42,5
6
12,5
14
C02880618
6
G1/4
44,5
8
12,5
17
C02880628
6
G3/8
45,5
9
12,5
20
C02880638
6
G1/2
46,5
10
12,5
24
C02880648
8
G1/8
43,5
6
14,5
14
C02880818
8
G1/4
45,5
8
14,5
17
C02880828
8
G3/8
46,5
9
14,5
20
C02880838
8
G1/2
47,5
10
14,5
24
C02880848
10
G1/8
49,5
6
17,5
17
C02881018
10
G1/4
51,5
8
17,5
17
C02881028
10
G3/8
52,5
9
17,5
20
C02881038
10
G1/2
53,5
10
17,5
24
C02881048
12
G1/4
55
8
20,5
19
C02881228
12
G3/8
56
9
20,5
20
C02881238
12
G1/2
57
10
20,5
24
C02881248
Ø A
B
C
G
L
Model
4
R1/8
41,5
8
10,5
10
C01880418
4
R1/4
42,5
10
10,5
14
C01880428
4
R3/8
43,5
11
10,5
17
C01880438
6
R1/8
44
8
12,5
12
C01880618
6
R1/4
47
10
12,5
14
C01880628
6
R3/8
48
11
12,5
17
C01880638
6
R1/2
51
14
12,5
21
C01880648
8
R1/8
45,5
8
14,5
14
C01880818
8
R1/4
48,5
10
14,5
14
C01880828
8
R3/8
48,5
11
14,5
17
C01880838
8
R1/2
52,5
14
14,5
21
C01880848
10
R1/8
49
8
17,5
17
C01881018
10
R1/4
52
10
17,5
17
C01881028
10
R3/8
53
11
17,5
17
C01881038
10
R1/2
56,2
14
17,5
21
C01881048
12
R1/8
52,5
3
20,5
19
C01881218
12
R1/4
54,5
8
20,5
19
C01881228
12
R3/8
55,5
11
20,5
19
C01881238
12
R1/2
58,5
14
20,5
22
C01881248
Equal
Unequal
Ø A
Ø A1
C
F
L
Model
4
4
49,5
22
10,5
C00840400
6
6
54,5
24
12,5
C00840600
8
8
60
26
14,5
C00840800
10
10
66
28
17,5
C00841000
12
12
71,5
30
20,5
C00841200
Ø A
Ø A1
C
F
L
Model
4
6
51,5
24
10,5
C00840604
6
8
56,5
26
12,5
C00840806
8
10
62
28
14,5
C00841008
10
12
68
30
17,5
C00841210
D
C
H
C
G
C
G
C
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27