| データシートサーチシステム |
|
C01G3 データシート(PDF) 23 Page - Norgren Ltd |
|
|
|||||||||||||||||||||||||||||
C01G3 データシート(HTML) 23 Page - Norgren Ltd |
|
23 / 27 page ![]() Our policy is one of continued research and development. We therefore reserve the right to amend, without notice, the specifications given in this document. (2006 - 9005f) © 2015 Norgren Ltd. Pneufit® C series PUSH-IN fittings, metric en 9.1.020.23 4/15 Speed control and pilot check C01GN Speed control and pilot check C02GN Ø A B B1 C C1 C2*1) C3 E E1 Ø E2 E3 G G1 H Ø K Ø L 1 Model 6 G1/8 M5 41 24 50,6/55,4 12,9 14,2 14,3 15 24,2 5 8,5 16 12,5 12 12 10 C02GN0618 6 G1/4 G1/8 49,1 25,9 57,1/61,9 15,6 19,3 18,7 18,8 30,1 6,5 9,5 19 13 15,3 17 13 C02GN0628 8 G1/8 M5 41 24,9 50,6/55,4 12,6 15,4 14,3 15 24,2 5 8,5 16 14,8 12 12 10 C02GN0818 8 G1/4 G1/8 49,1 28,3 57,1/61,9 15,9 18,3 18,7 18,8 30,1 6,5 9,5 19 14,8 15,3 17 13 C02GN0828 8 G3/8 G1/8 56,9 29,3 67,2/72,2 19,1 23,3 22,8 23 37,1 7 9,5 22,5 15 20,2 19 17 C02GN0838 10 G3/8 G1/8 56,9 31,7 67,2/72,2 19,1 23,3 22,8 23 37,1 7 9,5 22,5 17,5 20,2 19 17 C02GN1038 10 G1/2 G1/4 70,8 33,1 81,3/78,5 25,6 26,3 29,1 28,7 47,4 8,5 13 28 17,5 27,2 24 23 C02GN1048 12 G3/8 G1/8 56,9 34,4 67,2/72,2 19,1 23,3 22,8 23 37,1 7 9,5 22,5 20,5 20,2 19 17 C02GN1238 12 G1/2 G1/4 70,8 35,8 81,3/78,5 25,6 26,3 29,1 28,7 47,4 8,5 13 28 20,5 27,2 24 23 C02GN1248 *1) min./max. control flow see page 5 Note: Pilot check is not suitable for extreme high cycling applications. Note: Pilot check is not suitable for extreme high cycling applications. Ø A B B1 C C1 C2*1) C3 E E1 Ø E2 E3 G G1 H Ø K Ø L 1 Model 6 R1/8 M5 41 24 50,6/55,4 12,9 14,2 14,3 15 24,2 16 8,5 16 12,5 12 12 10 C01GN0618 6 R1/4 R1/8 49,1 25,9 57,1/61,9 15,6 19,3 18,7 18,8 30,1 11 10 19 13 15,3 17 13 C01GN0628 8 R1/8 M5 41 24,9 50,6/55,4 12,6 15,4 14,3 15 24,2 8,5 8,5 16 14,8 12 12 10 C01GN0818 8 R1/4 R1/8 49,1 28,3 57,1/61,9 15,9 18,3 18,7 18,8 30,1 11 10 19 14,8 15,3 17 13 C01GN0828 8 R3/8 R1/8 56,9 29,3 67,2/72,2 19,1 23,3 22,8 23 37,1 12 10 22,5 15 20,2 19 17 C01GN0838 10 R3/8 R1/8 56,9 31,7 67,2/72,2 19,1 23,3 22,8 23 37,1 12 10 22,5 17,5 20,2 19 17 C01GN1038 10 R1/2 R1/4 70,8 33,1 81,3/87 25,6 26,3 29,1 28,7 47,4 15 13,5 28 17,5 27,2 24 23 C01GN1048 12 R3/8 R1/8 56,9 34,4 67,2/72,2 19,1 23,3 22,8 23 37,1 12 10 22,5 20,5 20,2 19 17 C01GN1238 12 R1/2 R1/4 70,8 35,8 81,3/87 25,6 26,3 29,1 28,7 47,4 15 13,5 28 20,5 27,2 24 23 C01GN1248 *1) min./max. control flow see page 5 B1 E1 360° B E3 1 øA øK E øL øE2 B1 E1 øA øK E 360° B øL øE2 E3 1 2 1 12 2 1 12 Dimensions in mm Projection/First angle |