| データシートサーチシステム |
|
5000D データシート(PDF) 9 Page - Pico Technology Ltd. |
|
|
|||||||||||||||||||||||||||||
5000D データシート(HTML) 9 Page - Pico Technology Ltd. |
|
9 / 22 page ![]() PicoScope® 5000D Series oscilloscopes PicoLog® 6 software PicoScope 5000D Series oscilloscopes are also supported by the PicoLog 6 data logging software, allowing you to view and record signals on multiple units in one capture. PicoLog 6 allows sample rates of up to 1 kS/s per channel, and is ideal for long-term observation of general parameters, such as voltage or current levels, on several channels at the same time, whereas the PicoScope 6 software is more suitable for waveshape or harmonic analysis. You can also use PicoLog 6 to view data from your oscilloscope alongside a data logger or other device. For example, you could measure voltage and current with your PicoScope and plot both against temperature using a TC-08 thermocouple data logger, or humidity with a DrDAQ multipurpose data logger. PicoLog 6 is available for Windows, macOS and Linux, including Raspberry Pi OS. |