| データシートサーチシステム |
|
5000D データシート(PDF) 6 Page - Pico Technology Ltd. |
|
|
|||||||||||||||||||||||||||||
5000D データシート(HTML) 6 Page - Pico Technology Ltd. |
|
6 / 22 page ![]() PicoScope® 5000D Series oscilloscopes Graph format shows the decoded data (in hex, binary, decimal or ASCII) in a timing diagram format, beneath the waveform on a common time axis, with error frames marked in red. You can zoom in on these frames to investigate noise or distortion, and each packet field is assigned a different color, so the data is easy to read. Table format shows a list of the decoded frames, including the data and all flags and identifiers. You can set up filtering conditions to display only the frames you are interested in or search for frames with specified properties. The statistics option reveals more detail about the physical layer such as frame times and voltage levels. PicoScope 6 can also import a spreadsheet to decode the data into user-defined text strings. Serial decoding and analysis With its deep memory, the PicoScope 5000D Series is ideally suited to serial decoding and analysis, which are included as standard. The PicoScope 6 software has support for 20 protocols including I2C, SPI, CAN, RS-232 and Ethernet (and more in development). Decoding helps you see what is happening in your design to identify programming and timing errors and check for other signal integrity issues. Timing analysis tools help to show the performance of each design element, identifying parts of the design that need to be improved to optimize overall system performance. |