データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS108 データシート(PDF) 3 Page - Pico Technology Ltd.

部品番号 AS108
部品情報  8 GHz Agile Synthesizer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PICO [Pico Technology Ltd.]
ホームページ  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

AS108 データシート(HTML) 3 Page - Pico Technology Ltd.

  AS108 Datasheet HTML 1Page - Pico Technology Ltd. AS108 Datasheet HTML 2Page - Pico Technology Ltd. AS108 Datasheet HTML 3Page - Pico Technology Ltd. AS108 Datasheet HTML 4Page - Pico Technology Ltd. AS108 Datasheet HTML 5Page - Pico Technology Ltd. AS108 Datasheet HTML 6Page - Pico Technology Ltd. AS108 Datasheet HTML 7Page - Pico Technology Ltd. AS108 Datasheet HTML 8Page - Pico Technology Ltd. AS108 Datasheet HTML 9Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
PicoSource® AS108 Agile Synthesizer
Set carrier wave frequency, level and phase using typed values or scrolled digits, or by stepping by an increment of your choice, and then enable the output.
When required add frequency (FM), phase (ØM or PM) or amplitude (AM) modulation using internal sine modulation synthesis or an external DC-coupled source connected to the
front-panel BNC interface. Modulations are derived from digital IQ modulation and the external trigger output (rear-panel BNC) is synchronous with the internal modulation source.
Carrier wave and basic modulations
Three independent parameter tabs
Fast and convenient switching between
CW, sweep/hop and list modes.
Internal modulation source parameters
Frequency and depth
Typed entry of parameters
With relevant standard multipliers
Selectable units of measure
Work in or convert to your chosen units
of measure
Carrier wave control parameters
Type values, scroll digits or step by
selected amount
Modulation controls
Type, source and enable



Html Pages

1 2 3 4 5 6 7 8 9 10