データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9992BBCZ データシート(PDF) 54 Page - Analog Devices

部品番号 AD9992BBCZ
部品情報  12-Bit CCD Signal Processor with Precision Timing Generator
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9992BBCZ データシート(HTML) 54 Page - Analog Devices

Back Button AD9992BBCZ Datasheet HTML 50Page - Analog Devices AD9992BBCZ Datasheet HTML 51Page - Analog Devices AD9992BBCZ Datasheet HTML 52Page - Analog Devices AD9992BBCZ Datasheet HTML 53Page - Analog Devices AD9992BBCZ Datasheet HTML 54Page - Analog Devices AD9992BBCZ Datasheet HTML 55Page - Analog Devices AD9992BBCZ Datasheet HTML 56Page - Analog Devices AD9992BBCZ Datasheet HTML 57Page - Analog Devices AD9992BBCZ Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 92 page
background image
AD9992
Rev. C | Page 54 of 92
RapidShot Sequences
RapidShot technology provides continuous repetition of
scheduled toggles.
Preparation
The GP toggle positions can be programmed any time prior
to use. For example,
0x71
0x0004000
0x7A
0x000A001
0x7B
0x0002000
0x7C
0x000000F
0x7D
0x00C4002
0x7E
0x0004000
0x7F
0x00000B3
0x73
0x0000006
Details
A) Field 0:
0x70
0x0000010
B) Field 2:
0x70
0x0000007
VD
1
2345
REGISTER WRITE
AB
GP1_PROTOCOL 06
0 (IDLE)
1
2
1
210
GPO1
TERMINATED
AT VD EDGE
NOTES
1. THE GP PROTOCOLS ARE THE SAME AS THE SCHEDULED
TOGGLES, EXCEPT THE TOGGLES CAN BE EXCLUDED FROM
REPETITION BY CHOOSING GP PROTOCOL 2 OR 3.
CAUTION! THE FIELD COUNTER MUST BE FORCED INTO IDLE
STATE TO TERMINATE REPETITIONS.
SECONDARY
COUNT
Figure 61. RapidShot Toggle Operation Using GP1_PROTOCOL = 6
ShotDelay Sequences
ShotDelay technology provides internal delay of scheduled
toggles. The delay is in terms of fields.
Preparation
The GP toggle positions can be programmed any time prior
to use. For example,
0x71
0x0004000
0x72
0x000C000
0x7A
0x000A001
0x7B
0x0002000
0x7C
0x000000F
0x73
0x0000003
Details
A) Field 0:
0x70
0x0000018
VD
1
2
REGISTER WRITE
A
GP1_PROTOCOL 03
0 (IDLE)
1
2
3
1
2
0
GPO1
SECONDARY
COUNT
Figure 62. ShotDelay Toggle Operation Using GP1_PROTOCOL = 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92