| データシートサーチシステム |
|
AN2533 データシート(PDF) 14 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
AN2533 データシート(HTML) 14 Page - Motorola, Inc |
|
14 / 24 page ![]() AN2533/D 14 Standard SVM – 3 outputs version – XOR version TPU Function Set (svmStd3Xor) MOTOROLA Figure 6. Synchronization signal adjustment examples Synchronized Change of PWM Prescaler And Synchronization Signal Prescaler The svmStd3Xor_sync TPU function actually uses the presc_copy parameter instead of the prescaler parameter. The prescaler parameter holds the prescaler value that is copied to the presc_copy by the svmStd3Xor_bottom function at the time the PWM parameters are reloaded. This ensures that new prescaler values for the PWM signals, as well as the synchronization signal, are applied at the same time. Write the synchronization signal prescaler parameter address to the sync_presc_addr parameter to enable this mechanism. Write 0 to disable it, and remember to set the synchronization signal presc_copy parameter instead of the prescaler parameter in this case. Host Interface center_time T center_time T center_time T pw |move| move < 0 prescaler = 2 center_time T center_time T center_time T pw |move| move > 0 prescaler = 1 center_time T center_time T center_time T pw |move| move < 0 prescaler = 2 center_time T center_time T center_time T pw |move| move > 0 prescaler = 1 Table 10. svmStd3Xor_sync Control Bits Name Options Channel Function Select svmStd3Xor_sync function number (Assigned during assembly the DPTRAM code from library TPU functions) Channel Priority 00 – Channel Disabled 01 – Low Priority 10 – Middle Priority 11 – High Priority Written By CPU Written By TPU Written by both CPU and TPU Not Used 32 1 0 1 0 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |