| データシートサーチシステム |
|
AN2533 データシート(PDF) 22 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
AN2533 データシート(HTML) 22 Page - Motorola, Inc |
|
22 / 24 page ![]() AN2533/D 22 Standard SVM – 3 outputs version – XOR version TPU Function Set (svmStd3Xor) MOTOROLA Performance NOTE: Execution times do not include the time slot transition time (TST = 10 or 14 IMB clocks Table 19. svmStd3Xor_fault Parameter RAM Channel Parameter 15 14 13 12 11 10 98 765 4321 0 0 1 2 3 4 5 6 7 Table 20. svmStd3Xor_fault parameter description Parameter Format Description Parameters written by TPU fault_pinstate 0 or 1 State of fault pin: 0 ... low 1 ... high Table 21. svmStd3Xor_fault State Statistics State Max IMB Clock Cycles RAM Accesses by TPU INIT 8 2 FAULT 88 5 NO_FAULT 4 1 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |