| データシートサーチシステム |
|
74LVC2G86GF データシート(PDF) 14 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
74LVC2G86GF データシート(HTML) 14 Page - Nexperia B.V. All rights reserved |
|
14 / 18 page ![]() Nexperia 74LVC2G86 Dual 2-input EXCLUSIVE-OR gate References Outline version European projection Issue date IEC JEDEC JEITA SOT1203 sot1203_po 10-04-02 10-04-06 Unit mm max nom min 0.35 0.04 1.40 1.35 1.30 1.05 1.00 0.95 0.55 0.35 0.40 0.35 0.32 A(1) Dimensions Note 1. Including plating thickness. 2. Visible depending upon used manufacturing technology. XSON8: extremely thin small outline package; no leads; 8 terminals; body 1.35 x 1.0 x 0.35 mm SOT1203 A1 b 0.20 0.15 0.12 D E e e1 L 0.35 0.30 0.27 L1 0 0.5 1 mm scale terminal 1 index area E D (4×)(2) (8×)(2) A A1 e L L1 b e1 e1 e1 1 8 2 7 3 6 4 5 Fig. 14. Package outline SOT1203 (XSON8) 74LVC2G86 All information provided in this document is subject to legal disclaimers. © Nexperia B.V. 2022. All rights reserved Product data sheet Rev. 15 — 21 June 2022 14 / 18 |