| データシートサーチシステム |
|
74LVC2G86GF データシート(PDF) 15 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
74LVC2G86GF データシート(HTML) 15 Page - Nexperia B.V. All rights reserved |
|
15 / 18 page ![]() Nexperia 74LVC2G86 Dual 2-input EXCLUSIVE-OR gate References Outline version European projection Issue date IEC JEDEC JEITA SOT1233-2 - - - sot1233-2_po 19-11-12 Unit mm max nom min 0.54 0.22 A Dimensions (mm are the original dimensions) SOT1233-2 A1 b1 0.80 D Dh e e1 L 0.10 v 0.05 w 0.05 y 0.05 y1 0.30 0.04 0.00 0.35 1.35 0.22 0.32 A3 0.02 0.27 0.17 0.05 u 0.27 0.17 E 0.50 b 0.25 0.20 0.15 0 scale 1 mm X2SON8: plastic thermal enhanced extremely thin small outline package; no leads; 8 terminals; body 1.35 x 0.8 x 0.32 mm X detail X A1 A3 A pin 1 index area pin 1 index area D A E B e e A C B v C w b (6x) b1 (6x) L (6x) e1 7 6 5 1 8 4 Dh 2 3 Seating Plane C y C u 2x C u 2x C C y1 0.10 (Typ.) 0.11 (ref) Fig. 15. Package outline SOT1233-2 (X2SON8) 74LVC2G86 All information provided in this document is subject to legal disclaimers. © Nexperia B.V. 2022. All rights reserved Product data sheet Rev. 15 — 21 June 2022 15 / 18 |