| データシートサーチシステム |
|
74LVC2T45GT データシート(PDF) 25 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
74LVC2T45GT データシート(HTML) 25 Page - Nexperia B.V. All rights reserved |
|
25 / 33 page ![]() Nexperia 74LVC2T45; 74LVCH2T45 Dual supply translating transceiver; 3-state 13.4. Enable times Calculate the enable times for the 74LVC2T45; 74LVCH2T45 using the following formulas: • tPZH (DIR to A) = tPLZ (DIR to B) + tPLH (B to A) • tPZL (DIR to A) = tPHZ (DIR to B) + tPHL (B to A) • tPZH (DIR to B) = tPLZ (DIR to A) + tPLH (A to B) • tPZL (DIR to B) = tPHZ (DIR to A) + tPHL (A to B) In a bidirectional application, these enable times provide the maximum delay from the time the DIR bit is switched until an output is expected. For example, if the 74LVC2T45; 74LVCH2T45 initially is transmitting from A to B, then the DIR bit is switched, the B port of the device must be disabled before presenting it with an input. After the B port has been disabled, an input signal applied to it appears on the corresponding A port after the specified propagation delay. 74LVC_LVCH2T45 All information provided in this document is subject to legal disclaimers. © Nexperia B.V. 2023. All rights reserved Product data sheet Rev. 12 — 1 March 2023 25 / 33 |