| データシートサーチシステム |
|
74LVC2T45GT データシート(PDF) 12 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
74LVC2T45GT データシート(HTML) 12 Page - Nexperia B.V. All rights reserved |
|
12 / 33 page ![]() Nexperia 74LVC2T45; 74LVCH2T45 Dual supply translating transceiver; 3-state VCC(B) 1.5 V ± 0.1 V 1.8 V ± 0.15 V 2.5 V ± 0.2 V 3.3 V ± 0.3 V 5.0 V ± 0.5 V Symbol Parameter Conditions Min Max Min Max Min Max Min Max Min Max Unit VCC(A) = 4.5 V to 5.5 V A to B 2.2 16.6 1.9 15.1 1.0 7.5 0.7 5.4 0.5 3.9 ns tPLH LOW to HIGH propagation delay B to A 1.6 10.5 1.4 6.8 1.0 4.8 0.7 4.4 0.5 3.9 ns A to B 2.3 15.3 1.8 12.2 1.0 6.2 0.7 4.5 0.5 3.5 ns tPHL HIGH to LOW propagation delay B to A 1.7 10.8 1.7 7.0 0.9 4.6 0.7 4.0 0.5 3.5 ns DIR to A 1.7 5.4 1.7 5.4 1.7 5.4 1.7 5.4 1.7 5.4 ns tPHZ HIGH to OFF-state propagation delay DIR to B 2.9 17.3 2.9 16.1 2.3 9.7 2.7 8.0 2.5 5.7 ns DIR to A 1.4 3.7 1.4 3.7 1.3 3.7 1.0 3.7 0.9 3.7 ns tPLZ LOW to OFF-state propagation delay DIR to B 2.3 13.1 2.4 12.1 1.9 7.4 2.3 7.0 1.8 4.5 ns DIR to A [1] - 23.6 - 18.9 - 12.2 - 11.4 - 8.4 ns tPZH OFF-state to HIGH propagation delay DIR to B [1] - 20.3 - 18.8 - 11.2 - 9.1 - 7.6 ns DIR to A [1] - 28.1 - 23.1 - 14.3 - 12.0 - 9.2 ns tPZL OFF-state to LOW propagation delay DIR to B [1] - 20.7 - 17.6 - 11.6 - 9.9 - 8.9 ns [1] tPZH and tPZL are calculated values using the formula shown in Section 13.4. Table 13. Dynamic characteristics for temperature range -40 °C to +125 °C Voltages are referenced to GND (ground = 0 V); for test circuit see Fig. 7; for waveforms see Fig. 5 and Fig. 6. VCC(B) 1.5 V ± 0.1 V 1.8 V ± 0.15 V 2.5 V ± 0.2 V 3.3 V ± 0.3 V 5.0 V ± 0.5 V Symbol Parameter Conditions Min Max Min Max Min Max Min Max Min Max Unit VCC(A) = 1.4 V to 1.6 V A to B 2.5 23.5 2.1 19.4 1.8 14.9 1.5 13.0 1.4 11.6 ns tPLH LOW to HIGH propagation delay B to A 2.5 23.5 2.3 21.1 2.0 16.4 2.0 13.7 1.9 13.2 ns A to B 2.3 21.3 1.9 16.9 1.6 13.0 1.5 12.0 1.5 11.9 ns tPHL HIGH to LOW propagation delay B to A 2.3 21.3 2.1 19.1 2.0 14.6 1.9 12.5 2.0 12.1 ns DIR to A 2.7 20.6 2.7 20.6 2.7 20.6 2.7 20.6 2.7 20.6 ns tPHZ HIGH to OFF-state propagation delay DIR to B 3.1 27.3 3.1 26.0 2.7 12.1 2.9 12.5 2.5 11.4 ns DIR to A 2.1 12.6 2.1 12.6 2.1 12.6 2.1 12.6 2.1 12.6 ns tPLZ LOW to OFF-state propagation delay DIR to B 2.5 20.2 2.7 19.0 2.2 10.4 2.7 11.2 2.2 10.4 ns DIR to A [1] - 43.7 - 40.1 - 26.8 - 24.9 - 23.6 ns tPZH OFF-state to HIGH propagation delay DIR to B [1] - 36.1 - 32.0 - 27.5 - 25.6 - 24.2 ns DIR to A [1] - 48.6 - 45.1 - 26.7 - 25.0 - 23.5 ns tPZL OFF-state to LOW propagation delay DIR to B [1] - 41.9 - 37.5 - 33.6 - 32.6 - 32.5 ns 74LVC_LVCH2T45 All information provided in this document is subject to legal disclaimers. © Nexperia B.V. 2023. All rights reserved Product data sheet Rev. 12 — 1 March 2023 12 / 33 |