データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VL6524 データシート(PDF) 22 Page - STMicroelectronics

部品番号 VL6524
部品情報  VGA single-chip camera module
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6524 データシート(HTML) 22 Page - STMicroelectronics

Back Button VL6524 Datasheet HTML 18Page - STMicroelectronics VL6524 Datasheet HTML 19Page - STMicroelectronics VL6524 Datasheet HTML 20Page - STMicroelectronics VL6524 Datasheet HTML 21Page - STMicroelectronics VL6524 Datasheet HTML 22Page - STMicroelectronics VL6524 Datasheet HTML 23Page - STMicroelectronics VL6524 Datasheet HTML 24Page - STMicroelectronics VL6524 Datasheet HTML 25Page - STMicroelectronics VL6524 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 70 page
background image
Output frame size control
VL6524/VS6524
22/70
6.4
Context switching
It is possible to control which pipe setup bank is used and to switch between banks without
the need to pause streaming, the change will occur at the next frame boundry after the
change to the register has been made.
For example this function allows the VL6524/VS6524 to stream an output targetting a
display (e.g. RGB 444) and switch to capture an image (e.g. YUV 4:2:2) with no need to
pause streaming or enter any other operating mode.
The register
bNonViewLive_ ActivePipeSetupBank allows selection of the pipe setup bank
(see
Table 15: Pipe setup bank selection).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70