データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VL6524 データシート(PDF) 23 Page - STMicroelectronics

部品番号 VL6524
部品情報  VGA single-chip camera module
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6524 データシート(HTML) 23 Page - STMicroelectronics

Back Button VL6524 Datasheet HTML 19Page - STMicroelectronics VL6524 Datasheet HTML 20Page - STMicroelectronics VL6524 Datasheet HTML 21Page - STMicroelectronics VL6524 Datasheet HTML 22Page - STMicroelectronics VL6524 Datasheet HTML 23Page - STMicroelectronics VL6524 Datasheet HTML 24Page - STMicroelectronics VL6524 Datasheet HTML 25Page - STMicroelectronics VL6524 Datasheet HTML 26Page - STMicroelectronics VL6524 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 70 page
background image
VL6524/VS6524
Output data formats
23/70
7
Output data formats
The VL6524/VS6524 supports the following data formats:
●
YUV4:2:2
●
RGB565
●
RGB444 (encapsulated as 565)
●
RGB444 (zero padded)
●
Bayer 10-bit
In all output formats there are 2 output bytes per pixel.
The required data format is selected using the
bdataFormat0 register described in Table 16.
The various options available for each format are controlled using the
bRgbSetup and
bYuvSetup registers (Table 29).
7.1
YUV 4:2:2 data format
YUV 422 data format requires 4 bytes of data to represent 2 adjacent pixels. ITU601-656
defines the order of the Y, Cb and Cr components as shown in
Figure 10.
Figure 10.
Standard Y Cb Cr data order
The VL6524/VS6524
bYuvSetup register can be programmed to change the order of the
components as follows:
Figure 11.
Y Cb Cr data swapping options
Cb
Cr
YY
Cb
Cr
Y
Y
Cb
Cr
YY
4-byte data packet
1
0
1
1
0
1
0
0
Cb
Cr
YY
in 4-byte data packet
Components order
1st
2nd
3rd
4th
Cb
Y
Cr
Y
Cb
Cr
YY
Cb
Y
Cr
Y
DEFAULT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70