データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5372BCPZ データシート(PDF) 10 Page - Analog Devices

部品番号 AD5372BCPZ
部品情報  32-Channel, 16/14, Serial Input, Voltage-Output DACs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5372BCPZ データシート(HTML) 10 Page - Analog Devices

Back Button AD5372BCPZ Datasheet HTML 6Page - Analog Devices AD5372BCPZ Datasheet HTML 7Page - Analog Devices AD5372BCPZ Datasheet HTML 8Page - Analog Devices AD5372BCPZ Datasheet HTML 9Page - Analog Devices AD5372BCPZ Datasheet HTML 10Page - Analog Devices AD5372BCPZ Datasheet HTML 11Page - Analog Devices AD5372BCPZ Datasheet HTML 12Page - Analog Devices AD5372BCPZ Datasheet HTML 13Page - Analog Devices AD5372BCPZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
AD5372/AD5373
Preliminary Technical Data
Rev. P
rF| Page 10 of 25
Pin
Function
BUSY
Digital Input/Open-Drain Output. BUSY is open-drain when an output. See the BUSY AND LDAC FUNCTIONS section
for more information.
SIGGND0
Reference Ground for DACs 0 to 7. VOUT0 to VOUT7 are referenced to this voltage.
SIGGND1
Reference Ground for DACs 8 to 15. VOUT7 to VOUT15 are referenced to this voltage.
SIGGND1
Reference Ground for DACs 16 to 23. VOUT16 to VOUT23 are referenced to this voltage.
SIGGND3
Reference Ground for DACs 24 and 31. VOUT24 to VOUT31 are referenced to this voltage.
EXPOSED PADDLE
The Lead Free Chip Scale Package (LFCSP) has an exposed paddle on the underside. This should be connected to VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25