| データシートサーチシステム |
|
4LS5K データシート(PDF) 102 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
4LS5K データシート(HTML) 102 Page - ams AG |
|
102 / 115 page ![]() Document Feedback 4LS Package Drawings & Markings Datasheet • PUBLIC DS000542 • v3-01 • 2022-Nov-17 114 │ 101 Figure 147: 4LS15K Invar Package Outline Drawing – Section A-A and Section B-B(1)(2)(3)(4) (1) All dimensions are in millimeters. Angles in degrees. (2) If not otherwise noted all tolerances are ±0.1 mm. (3) This package contains no lead (Pb). (4) This drawing is subject to change without notice. RoHS Green |