| データシートサーチシステム |
|
AD9398/PCB データシート(PDF) 3 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9398/PCB データシート(HTML) 3 Page - Analog Devices |
|
3 / 44 page ![]() AD9398 Rev. 0 | Page 3 of 44 SPECIFICATIONS ELECTRICAL CHARACTERISTICS VDD, VD = 3.3 V, DVDD = PVDD = 1.8 V, ADC clock = maximum. Table 1. AD9398KSTZ-100 AD9398KSTZ-150 Parameter Temp Test Level Min Typ Max Min Typ Max Unit DIGITAL INPUTS (5 V TOLERANT) Input Voltage, High (VIH) Full VI 2.6 2.6 V Input Voltage, Low (VIL) Full VI 0.8 0.8 V Input Current, High (IIH) Full V −82 −82 μA Input Current, Low (IIL) Full V 82 82 μA Input Capacitance 25°C V 3 3 pF DIGITAL OUTPUTS Output Voltage, High (VOH) Full VI VDD − 0.1 VDD − 0.1 V Output Voltage, Low (VOL) Full VI 0.4 0.4 V Duty Cycle, DATACK Full V 45 50 55 45 50 55 % Output Coding Binary Binary THERMAL CHARACTERISTICS θJA Junction-to-Ambient V 35 35 °C/W DIGITAL INTERFACE ELECTRICAL CHARACTERISTICS VDD = VD =3.3 V, DVDD = PVDD = 1.8 V, ADC clock = maximum. Table 2. AD9398KSTZ-100 AD9398KSTZ-150 Parameter Test Level Conditions Min Typ Max Min Typ Max Unit RESOLUTION 8 8 Bit DC DIGITAL I/O SPECIFICATIONS High-Level Input Voltage (VIH) VI 2.5 2.5 V Low-Level Input Voltage (VIL) VI 0.8 0.8 V High-Level Output Voltage (VOH) VI VDD − 0.1 V Low-Level Output Voltage (VOL) VI VDD − 0.1 0.1 0.1 V DC SPECIFICATIONS Output High Level IV Output drive = high 36 36 mA (IOHD) (VOUT = VOH) IV Output drive = low 24 24 mA Output Low Level IV Output drive = high 12 12 mA IOLD, (VOUT = VOL) IV Output drive = low 8 8 mA DATACK High Level IV Output drive = high 40 40 mA VOHC, (VOUT = VOH) IV Output drive = low 20 20 mA DATACK Low Level IV Output drive = high 30 30 mA VOLC, (VOUT = VOL) IV Output drive = low 15 15 mA Differential Input Voltage, Single- Ended Amplitude IV 75 700 75 700 mV |