データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMD3702VC データシート(PDF) 19 Page - ams AG

部品番号 TMD3702VC
部品情報  Narrow ALS, Color and Proximity Sensor Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

TMD3702VC データシート(HTML) 19 Page - ams AG

Back Button TMD3702VC Datasheet HTML 15Page - ams AG TMD3702VC Datasheet HTML 16Page - ams AG TMD3702VC Datasheet HTML 17Page - ams AG TMD3702VC Datasheet HTML 18Page - ams AG TMD3702VC Datasheet HTML 19Page - ams AG TMD3702VC Datasheet HTML 20Page - ams AG TMD3702VC Datasheet HTML 21Page - ams AG TMD3702VC Datasheet HTML 22Page - ams AG TMD3702VC Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 57 page
background image
Page 18
Datasheet, Public
Document Feedback
[v2-00] 2023-Mar-14
TMD3702VC − Register Description
Enable Register (Address 0x80)
Figure 21:
Enable Register
Before activating AEN or PEN, preset each applicable operating
mode registers and bits.
Addr:0x80
Enable
Bit
Bit Name
Default
Access
Bit Description
7:4
Reserved
0
RW
Reserved. Must be set to default value.
3
WEN
0
RW
This bit activates the wait feature. Active high.
2
PEN
0
RW
This bit activates the proximity detection. Active high.
1
AEN
0
RW
This bit actives the ALS function. Active high.
0PON
0
RW
This field activates the internal oscillator and ADC
channels. Active high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57