データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMD3702VC データシート(PDF) 45 Page - ams AG

部品番号 TMD3702VC
部品情報  Narrow ALS, Color and Proximity Sensor Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

TMD3702VC データシート(HTML) 45 Page - ams AG

Back Button TMD3702VC Datasheet HTML 41Page - ams AG TMD3702VC Datasheet HTML 42Page - ams AG TMD3702VC Datasheet HTML 43Page - ams AG TMD3702VC Datasheet HTML 44Page - ams AG TMD3702VC Datasheet HTML 45Page - ams AG TMD3702VC Datasheet HTML 46Page - ams AG TMD3702VC Datasheet HTML 47Page - ams AG TMD3702VC Datasheet HTML 48Page - ams AG TMD3702VC Datasheet HTML 49Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 57 page
background image
Page 44
Datasheet, Public
Document Feedback
[v2-00] 2023-Mar-14
TMD3702VC − PCB Pad Layout
Suggested PCB pad layout guidelines for the surface mount
module are shown. Flash Gold is recommended as a surface
finish for the landing pads.
Figure 69:
Recommended PCB Pad Layout
Note(s):
1. All dimensions are in millimeters.
2. Dimension tolerances are ±0.05mm unless otherwise noted.
3. This drawing is subject to change without notice.
PCB Pad Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57