データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PM9904BPD データシート(PDF) 8 Page - Sames

部品番号 PM9904BPD
部品情報  Evaluation Board for the SA9904B Energy Metering IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMES [Sames]
ホームページ  http://www.sames.co.za
Logo SAMES - Sames

PM9904BPD データシート(HTML) 8 Page - Sames

Back Button PM9904BPD Datasheet HTML 4Page - Sames PM9904BPD Datasheet HTML 5Page - Sames PM9904BPD Datasheet HTML 6Page - Sames PM9904BPD Datasheet HTML 7Page - Sames PM9904BPD Datasheet HTML 8Page - Sames PM9904BPD Datasheet HTML 9Page - Sames PM9904BPD Datasheet HTML 10Page - Sames PM9904BPD Datasheet HTML 11Page - Sames PM9904BPD Datasheet HTML 12Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
8/22
sames
sames
http://www.sames.co.za
CIRCUIT DESCRIPTION
ANALOG SECTION
The analog (metering) interface described in this section is
designed for measuring 3 x
with precision better
than Class 1.
The most important external components for the SA9904B
integrated circuit are the current sense resistors, the voltage
sense resistors and the bias setting resistor. The resistors
used in the metering section are of the same type to minimize
any temperature effects.
Bias Resistor
Pin VREF (SA9904B pin 15) is connected to Vss via R7 which
determines the on chip bias current. With R7=47kW optimum
conditions are set. VREF does not require any additional
circuitry.
CT Termination Resistor
The voltage drop across the CT termination resistors should
be at least 16mV at rated current (Imax). The on-board CT's
have low phase shifts and have a ratio of 1:2500. Each CT is
terminated with a 2.7W resistor resulting in a voltage drop of
86.4mV across each resistor at rated conditions.
Current Sense Resistors
Referring to figure 10 the resistors R1 and R2 define the
current level into the SA9904B’s current sense inputs (phase
one IIP1 and IIN1). The resistor values are selected for an
input current of 16µA into the current inputs at rated
conditions.
According to equation described in the Current Sense inputs
section of the datasheet:
R1 = R2 = (I / 16µA) x RSH / 2
= 80A /2500 / 16µA x 2.7W / 2
= 2.7kW
where:
I = Line current / CT Ratio
The three current channels are identical so R1 = R2 = R3 =
R4= R5 = R6.
230V/80A
Figure 11: Mains voltage divider
Voltage Divider
Referring to figure 11 the connections for the voltage sense
input for one phase is shown. The current into the A/D
converter (IVP) is set 14µARMS at nominal mains voltage. This
voltage sense input saturates at approximately 17µARMS. A
nominal voltage current of 14µA allows for 20% over driving.
Each phase voltage is divided down by a voltage divider to
14V. The current into the voltage sense input is set at 14µA via
a 1MW resistor.
The following equation is used to calculate the 14V voltage
drop:
RA = R22 + R23 + R24 +R25
RB = R8 || R13
Combining the two equations gives:
(RA + RB) / 230V = RB / 14V
A 24kW resistor is chosen for R13 and a 1MW resistor is used
for R8.
Substituting these values result in:
RB = 23.44kW
RA = RB x (230V / 14V - 1)
RA = 361.6kW
Resistor values of R22, R24 are chosen to be 82kW and
resistors R23 and R25 is chosen to be 120kW each.
The three voltage channels are identical so
R14= R16 =R17 = R18 = R20 = R22 = R24 = 82kW and
R15= R17 =R19 = R21 = R23 = R25 = 120kW
The capacitors C3, C4 and C5 is used to compensate for
phase shifts between the SA9904’s voltage sense inputs and
current sense inputs. The on-board CT's were characterized
and found to have a constant phase shift of 0.18 degrees. The
value of the phase shift compensation capacitors were
calculated as follows:
C = 1 / ( 2 x p x Mains frequency x R5 x tan (Phase shift angle))
C = 1 / ( 2 x p x 50Hz x 1MW tan (0.18 degrees ))
C = 1.013µF
PM9904BPD
Figure 10: Current input configuration
R1
2.7k
R2
2.7k
R26
2.7R
CT1
TZ76
V1In
V1 Out
GND
Pin 19
Pin 18
R8
1M
R13
24k
V1In
C5
1u
R22
82k
R23
120k
R24
82k
GND
R25
120k
J3
L1
Pin 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com