データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PM9904BPD データシート(PDF) 10 Page - Sames

部品番号 PM9904BPD
部品情報  Evaluation Board for the SA9904B Energy Metering IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMES [Sames]
ホームページ  http://www.sames.co.za
Logo SAMES - Sames

PM9904BPD データシート(HTML) 10 Page - Sames

Back Button PM9904BPD Datasheet HTML 6Page - Sames PM9904BPD Datasheet HTML 7Page - Sames PM9904BPD Datasheet HTML 8Page - Sames PM9904BPD Datasheet HTML 9Page - Sames PM9904BPD Datasheet HTML 10Page - Sames PM9904BPD Datasheet HTML 11Page - Sames PM9904BPD Datasheet HTML 12Page - Sames PM9904BPD Datasheet HTML 13Page - Sames PM9904BPD Datasheet HTML 14Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
sames
sames
PM9904BPD
10/22
http://www.sames.co.za
Figure 12: Mapping of a single character
Table 1: LCD display memory map
Table 2: LCD display memory map (continued)
COM1, 17
COM2, 18
COM3, 19
COM4, 20
Blank
Blank
Blank
T1, T2, T3, T4
Blank
Blank
Blank
Total
k1
Hz
~ 1
~ 2
k2
W
s
h
% Error
imp/KWh
Wh/imp
~ 3
V
A
r
h
8f
8g
8e
8d
8a
8b
8c
8h
7f
7g
7e
7d
7a
7b
7c
7h
6f
6g
6e
6d
6a
6b
6c
6h
23
21
16
15
22
24
13
26
11
28
9
LCD Pin
Address
11
10
9
8
7
6
COM1, 17
COM2, 18
COM3, 19
COM4, 20
LCD Pin
Address
5f
5g
5e
5d
5a
5b
5c
5h
30
7
5
4f
4g
4e
4d
4a
4b
4c
4h
32
5
4
3f
3g
3e
3d
3a
3b
3c
3h
33
4
3
2f
2g
2e
2d
2a
2b
2c
2h
34
3
2
1f
1g
1e
1d
1a
1b
1c
1h
35
2
1
Cos
Total
Com
Cost
i
T1
T2
T3
T4
36
1
0
1
a
b
g
f
e
c
d
COM1
COM2
COM3
COM4
Cosf
Total
Com
Cost
T1
T2
T4
T3
h
Pin36
Pin35
Pin2
Pin1
4
a
b
g
f
e
c
d
h
Pin32
Pin5
DR-01255
COLUMNS
Commands
The demonstration software uses a buffer in memory on the
PC to generate the complete display. The buffer is dumped to
the LCD driver device in one go. The data passed to the driver
IC is formatted with a starting address followed by the data for
all segments. The first 8 bits is interpreted as address byte and
the rest of the data is sequentially passed as data bytes. The
address counter on the driver IC is incremented every 8
clocks. The procedure is repeated until all of the LCD memory
is filled up.
Address
The address of the data is set up in the following manner
To write to the device the following address is passed:
1 0 A5 A4 A3 A2 A1 A0
Data
Data to the device is passed with MSB first
D7 D6 D5 D4 D3 D2 D1 D0
Were D7 and D3 map to pin VR[3] of driver and COM4 of LCD
Were D6 and D2 map to pin VR[2] of driver and COM3 of LCD
Were D5 and D1 map to pin VR[1] of driver and COM2 of LCD
Were D4 and D0 map to pin VR[0] of driver and COM1 of LCD
See SA8807A datasheet for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com