| データシートサーチシステム |
|
CDB5378 データシート(PDF) 35 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CDB5378 データシート(HTML) 35 Page - Cirrus Logic |
|
35 / 72 page ![]() CDB5378 DS639DB3 35 3. SOFTWARE DESCRIPTION 3.1 Menu Bar The menu bar is always present at the top of the software panels and provides typical File and Help pull- down menus. The menu bar also selects the currently displayed panel. Control Description File Load Data Set Loads a data set from disk. Save Data Set Saves the current data set to disk. Copy Panel to Clipboard Copies a bitmap of the current panel to the clipboard. Print Analysis Screen Prints the full Analysis panel, including statistics fields. Print Analysis Graph Prints only the graph from the Analysis panel. High Resolution Printing Prints using the higher resolution of the printer. Low Resolution Printing Prints using the standard resolution of the screen. Quit Exits the application software. Setup! Displays the Setup Panel. Analysis! Displays the Analysis Panel. Control! Displays the Control Panel. DataCapture! Displays the Setup Panel and starts Data Capture. Help Contents Find help by topic. Search for help on Find help by keywords. About Displays the About Panel. |