データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS44130 データシート(PDF) 22 Page - Cirrus Logic

部品番号 CS44130
部品情報  60 W Quad Half-Bridge Digital Amplifier Power Stage
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CIRRUS [Cirrus Logic]
ホームページ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44130 データシート(HTML) 22 Page - Cirrus Logic

Back Button CS44130 Datasheet HTML 15Page - Cirrus Logic CS44130 Datasheet HTML 16Page - Cirrus Logic CS44130 Datasheet HTML 17Page - Cirrus Logic CS44130 Datasheet HTML 18Page - Cirrus Logic CS44130 Datasheet HTML 19Page - Cirrus Logic CS44130 Datasheet HTML 20Page - Cirrus Logic CS44130 Datasheet HTML 21Page - Cirrus Logic CS44130 Datasheet HTML 22Page - Cirrus Logic CS44130 Datasheet HTML 23Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
22
DS690PP1
CS44130
9. THERMAL CHARACTERISTICS
1.
θJA is stated for a system with a thermal flag as described in Section 9.1 below.
9.1
Thermal Flag
This device is designed to have the metal flag on the bottom of the device soldered directly to a metal plane on the
PCB. To enhance the thermal dissipation capabilities of the system, this metal plane should be coupled with vias to
a large metal plane on the backside (and inner ground layer, if applicable) of the PCB.
In either case, it is beneficial to use copper fill in any unused regions inside the PCB layout, especially those imme-
diately surrounding the CS44130. In addition to improving in electrical performance, this practice also aids in heat
dissipation.
The heat dissipation capability required of the metal plane for a given output power can be calculated as follows:
TCA = [(TJ(MAX) - TA) / PD] - θJC
where,
TCA = Thermal resistance of the metal plane in °C/Watt
TJ(MAX) = Maximum rated operating junction temperature in °C, equal to 150 °C
TA = Ambient temperature in °C
PD = RMS power dissipation of the device, equal to 0.10*PRMS (assuming 90% efficiency)
θJC = Junction-to-case thermal resistance of the device in °C/Watt
Parameter
Symbol
Min
Typ
Max
Units
Junction to Case Thermal Impedance
θJC
-1
-
°C/Watt
Junction to Ambient Thermal Impedance
(Note 1)
2-Layer PCB
4-Layer PCB
θJA
-
-
20
18.5
-
-
°C/Watt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com