| データシートサーチシステム |
|
PIMD2 データシート(PDF) 3 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
PIMD2 データシート(HTML) 3 Page - Nexperia B.V. All rights reserved |
|
3 / 19 page ![]() PEMD2_PIMD2_PUMD2 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2013. All rights reserved. Product data sheet Rev. 8 — 14 November 2013 2 of 18 NXP Semiconductors PEMD2; PIMD2; PUMD2 NPN/PNP resistor-equipped transistors; R1 = 22 k , R2 = 22 k 2. Pinning information 3. Ordering information 4. Marking [1] * = placeholder for manufacturing site code Table 3. Pinning Pin Description Simplified outline Graphic symbol PEMD2 (SOT666); PUMD2 (SOT363) 1 GND (emitter) TR1 2 input (base) TR1 3 output (collector) TR2 4 GND (emitter) TR2 5 input (base) TR2 6 output (collector) TR1 PIMD2 (SOT457) 1 GND (emitter) TR2 2 input (base) TR2 3 output (collector) TR1 4 GND (emitter) TR1 5 input (base) TR1 6 output (collector) TR2 001aab555 6 4 5 1 3 2 65 4 1 23 R2 TR1 TR2 R1 R2 R1 006aaa143 13 2 4 5 6 654 123 R2 TR1 TR2 R1 R1 R2 006aab235 Table 4. Ordering information Type number Package Name Description Version PEMD2 - plastic surface-mounted package; 6 leads SOT666 PIMD2 SC-74 plastic surface-mounted package (TSOP6); 6 leads SOT457 PUMD2 SC-88 plastic surface-mounted package; 6 leads SOT363 Table 5. Marking codes Type number Marking code[1] PEMD2 D4 PIMD2 M5 PUMD2 D*2 |