| データシートサーチシステム |
|
PIMD2 データシート(PDF) 12 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
PIMD2 データシート(HTML) 12 Page - Nexperia B.V. All rights reserved |
|
12 / 19 page ![]() PEMD2_PIMD2_PUMD2 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2013. All rights reserved. Product data sheet Rev. 8 — 14 November 2013 11 of 18 NXP Semiconductors PEMD2; PIMD2; PUMD2 NPN/PNP resistor-equipped transistors; R1 = 22 k , R2 = 22 k 8. Test information 8.1 Quality information This product has been qualified in accordance with the Automotive Electronics Council (AEC) standard Q101 - Stress test qualification for discrete semiconductors, and is suitable for use in automotive applications. 9. Package outline Fig 17. Package outline PEMD2 (SOT666) Fig 18. Package outline PIMD2 (SOT457) Fig 19. Package outline PUMD2 (SOT363) Dimensions in mm 04-11-08 1.7 1.5 1.7 1.5 1.3 1.1 1 0.18 0.08 0.27 0.17 0.5 pin 1 index 12 3 4 5 6 0.6 0.5 0.3 0.1 04-11-08 Dimensions in mm 3.0 2.5 1.7 1.3 3.1 2.7 pin 1 index 1.9 0.26 0.10 0.40 0.25 0.95 1.1 0.9 0.6 0.2 13 2 4 5 6 06-03-16 Dimensions in mm 0.25 0.10 0.3 0.2 pin 1 index 1.3 0.65 2.2 2.0 1.35 1.15 2.2 1.8 1.1 0.8 0.45 0.15 13 2 4 65 |