| データシートサーチシステム |
|
PIMD3 データシート(PDF) 11 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
PIMD3 データシート(HTML) 11 Page - Nexperia B.V. All rights reserved |
|
11 / 18 page ![]() © Nexperia B.V. 2017. All rights reserved PEMD3_PIMD3_PUMD3 All information provided in this document is subject to legal disclaimers. Product data sheet Rev. 11 — 25 September 2013 11 of 18 Nexperia PEMD3; PIMD3; PUMD3 NPN/PNP resistor-equipped transistors 8. Test information 8.1 Quality information This product has been qualified in accordance with the Automotive Electronics Council (AEC) standard Q101 - Stress test qualification for discrete semiconductors, and is suitable for use in automotive applications. 9. Package outline Fig 17. Package outline PEMD3 (SOT666) Fig 18. Package outline PIMD3 (SOT457/SC-74) Fig 19. Package outline PUMD3 (SOT363/SC-88) Dimensions in mm 04-11-08 1.7 1.5 1.7 1.5 1.3 1.1 1 0.18 0.08 0.27 0.17 0.5 pin 1 index 12 3 4 5 6 0.6 0.5 0.3 0.1 04-11-08 Dimensions in mm 3.0 2.5 1.7 1.3 3.1 2.7 pin 1 index 1.9 0.26 0.10 0.40 0.25 0.95 1.1 0.9 0.6 0.2 13 2 4 5 6 06-03-16 Dimensions in mm 0.25 0.10 0.3 0.2 pin 1 index 1.3 0.65 2.2 2.0 1.35 1.15 2.2 1.8 1.1 0.8 0.45 0.15 13 2 4 65 |