データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIMC31 データシート(PDF) 10 Page - Nexperia B.V. All rights reserved

部品番号 PIMC31
部品情報  500 mA, 50 V NPN/PNP double resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEXPERIA [Nexperia B.V. All rights reserved]
ホームページ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PIMC31 データシート(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button PIMC31 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PIMC31 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PIMC31 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PIMC31 Datasheet HTML 9Page - Nexperia B.V. All rights reserved PIMC31 Datasheet HTML 10Page - Nexperia B.V. All rights reserved PIMC31 Datasheet HTML 11Page - Nexperia B.V. All rights reserved PIMC31 Datasheet HTML 12Page - Nexperia B.V. All rights reserved PIMC31 Datasheet HTML 13Page - Nexperia B.V. All rights reserved PIMC31 Datasheet HTML 14Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
PIMC31_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 24 March 2009
9 of 13
NXP Semiconductors
PIMC31
500 mA, 50 V NPN/PNP double RET; R1 = 1 k
Ω, R2 = 10 kΩ
8.
Test information
8.1 Quality information
This product has been qualified in accordance with the Automotive Electronics Council
(AEC) standard
Q101 - Stress test qualification for discrete semiconductors, and is
suitable for use in automotive applications.
9.
Package outline
10. Packing information
[1]
For further information and the availability of packing methods, see Section 14.
[2]
T1: normal taping
[3]
T2: reverse taping
Fig 13. Package outline SOT457 (SC-74)
04-11-08
Dimensions in mm
3.0
2.5
1.7
1.3
3.1
2.7
pin 1 index
1.9
0.26
0.10
0.40
0.25
0.95
1.1
0.9
0.6
0.2
13
2
4
5
6
Table 8.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
3000
10000
PIMC31
SOT457
4 mm pitch, 8 mm tape and reel; T1
[2] -115
-135
4 mm pitch, 8 mm tape and reel; T2
[3] -125
-165



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com