データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STSMIA832 データシート(PDF) 16 Page - STMicroelectronics

部品番号 STSMIA832
部品情報  1.8V/2.8V High speed dual differential line receivers, standard mobile imaging architecture (SMIA) decoder deserializer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSMIA832 データシート(HTML) 16 Page - STMicroelectronics

Back Button STSMIA832 Datasheet HTML 12Page - STMicroelectronics STSMIA832 Datasheet HTML 13Page - STMicroelectronics STSMIA832 Datasheet HTML 14Page - STMicroelectronics STSMIA832 Datasheet HTML 15Page - STMicroelectronics STSMIA832 Datasheet HTML 16Page - STMicroelectronics STSMIA832 Datasheet HTML 17Page - STMicroelectronics STSMIA832 Datasheet HTML 18Page - STMicroelectronics STSMIA832 Datasheet HTML 19Page - STMicroelectronics STSMIA832 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
Frame structure.
STSMIA832
16/23
6
Frame structure.
1.
LSB (bytewise Least Significant Bit first)
Figure 11.
Frame structure in VGA case (allowed synchronization codes sequence)
Figure 12.
Bit order in synchronization codes and data, LSB first (example start of frame), image
frame structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23