データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STSMIA832 データシート(PDF) 19 Page - STMicroelectronics

部品番号 STSMIA832
部品情報  1.8V/2.8V High speed dual differential line receivers, standard mobile imaging architecture (SMIA) decoder deserializer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSMIA832 データシート(HTML) 19 Page - STMicroelectronics

Back Button STSMIA832 Datasheet HTML 15Page - STMicroelectronics STSMIA832 Datasheet HTML 16Page - STMicroelectronics STSMIA832 Datasheet HTML 17Page - STMicroelectronics STSMIA832 Datasheet HTML 18Page - STMicroelectronics STSMIA832 Datasheet HTML 19Page - STMicroelectronics STSMIA832 Datasheet HTML 20Page - STMicroelectronics STSMIA832 Datasheet HTML 21Page - STMicroelectronics STSMIA832 Datasheet HTML 22Page - STMicroelectronics STSMIA832 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
STSMIA832
Package mechanical data
19/23
8
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23