| データシートサーチシステム |
|
74ALVT16601DGG データシート(PDF) 10 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
74ALVT16601DGG データシート(HTML) 10 Page - Nexperia B.V. All rights reserved |
|
10 / 21 page ![]() 74ALVT16601_3 © Koninklijke Philips Electronics N.V. 2005. All rights reserved. Product data sheet Rev. 03 — 5 July 2005 9 of 20 Philips Semiconductors 74ALVT16601 18-bit universal bus transceiver; 3-state 10. Static characteristics Table 7: Static characteristics At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Tamb = −40 °C to +85 °C. Symbol Parameter Conditions Min Typ Max Unit VCC = 2.5 V ± 0.2 V [1] VIK input diode voltage VCC = 2.3 V; IIK = −18 mA - −0.85 −1.2 V VOH HIGH-level output voltage VCC = 2.3 V to 3.6 V; IOH = −100 µAVCC − 0.2 -V VCC = 2.3 V; IOH = −8 mA 1.8 - V VOL LOW-level output voltage VCC = 2.3 V; IOL = 100 µA - 0.07 0.2 V VCC = 2.3 V; IOL = 24 mA - 0.3 0.5 V VCC = 2.3 V; IOL = 8 mA - - 0.4 V VRST power-up LOW-state output voltage VCC = 2.7 V; IO = 1 mA; VI =VCC or GND [2] - - 0.55 V ILI input leakage current control pins VCC = 2.7 V; VI = VCC or GND - 0.1 ±1 µA VCC = 0 V or 2.7 V; VI = 5.5 V 0.1 10 µA I/O data pins VCC = 0 V or 2.7 V; VI = 5.5 V [3] - 0.1 20 µA VCC = 2.7 V; VI = VCC [3] - 0.1 10 µA VCC = 2.7 V; VI = 0 V [3] - +0.1 −5 µA IOFF power-down leakage current VCC = 0 V; VI or VO = 0 V to 4.5 V - 0.1 ±100 µA IHOLD bus hold current data inputs VCC = 2.3 V; VI = 0.7 V [4] -90 - µA VCC = 2.3 V; VI = 1.7 V [4] - −75 - µA IEX external current into output output in HIGH-state when VO >VCC; VO = 5.5 V; VCC = 2.3 V - 10 125 µA IPU, IPD power-up/down 3-state output current VCC ≤ 1.2 V; VO = 0.5 V to VCC; VI = GND or VCC; OEAB or OEAB don’t care [5] - 1 100 µA ICC supply current VCC = 2.7 V; VI = GND or VCC;IO =0A outputs HIGH-state - 0.04 0.1 mA outputs LOW-state - 2.5 4.5 mA outputs disabled [6] - 0.04 0.1 mA ∆ICC additional supply current per input pin VCC = 2.3 V to 2.7 V; one input at VCC − 0.6 V, other inputs at VCC or GND [7] - 0.01 0.4 mA Ci input capacitance of control pins VI = 0 V or VCC 4- pF Cio input/output capacitance of I/O pins VI/O = 0 V or VCC; outputs disabled 8 - pF VCC = 3.3 V ± 0.3 V [8] VIK input diode voltage VCC = 3.0 V; IIK = −18 mA - −0.85 −1.2 V VOH HIGH-level output voltage VCC = 3.0 V to 3.6 V; IOH = −100 µAVCC − 0.2 VCC -V VCC = 3.0 V; IOH = −32 mA 2.0 2.3 - V |