データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ALVT16601DGG データシート(PDF) 2 Page - Nexperia B.V. All rights reserved

部品番号 74ALVT16601DGG
部品情報  18-bit universal bus transceiver; 3-state
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEXPERIA [Nexperia B.V. All rights reserved]
ホームページ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74ALVT16601DGG データシート(HTML) 2 Page - Nexperia B.V. All rights reserved

  74ALVT16601DGG Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74ALVT16601DGG Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74ALVT16601DGG Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74ALVT16601DGG Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74ALVT16601DGG Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74ALVT16601DGG Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74ALVT16601DGG Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74ALVT16601DGG Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74ALVT16601DGG Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
1.
General description
The 74ALVT16601 is a high-performance Bipolar Complementary Metal Oxide
Semiconductor (BiCMOS) product designed for VCC operation at 2.5 V and 3.3 V with I/O
compatibility up to 5 V. This device is an 18-bit universal transceiver featuring
non-inverting 3-state bus compatible outputs in both send and receive directions. Data
flow in each direction is controlled by output enable (OEAB and OEBA), latch enable
(LEAB and LEBA), and clock (CPAB and CPBA) inputs. For A-to-B data flow, the device
operates in the transparent mode when LEAB is HIGH. When LEAB is LOW, the A-bus
data is latched if CPAB is held at a HIGH or LOW level. If LEAB is LOW, the A-bus data is
stored in the latch/flip-flop on the LOW-to-HIGH transition of CPAB. When OEAB is LOW,
the outputs are active. When OEAB is HIGH, the outputs are in the high-impedance state.
The clocks can be controlled with the clock enable inputs (CEAB and CEBA).
Data flow for B-to-A is similar to that of A-to-B but uses OEBA, LEBA and CPBA.
Active bus hold circuitry is provided to hold unused or floating data inputs at a valid logic
level.
2.
Features
s 18-bit bidirectional bus interface
s 5 V I/O compatible
s 3-state buffers
s Output capability: +64 mA and
−32 mA
s TTL input and output switching levels
s Input and output interface capability to systems at 5 V supply
s Bus hold data inputs eliminate the need for external pull-up resistors to hold unused
inputs
s Live insertion and extraction permitted
s Power-up reset
s Power-up 3-state
s No bus current loading when output is tied to 5 V bus
s Positive-edge triggered clock inputs
s Latch-up protection:
x JESD78: exceeds 500 mA
s ESD protection:
x MIL STD 883, method 3015: exceeds 2000 V
x Machine model: exceeds 200 V
74ALVT16601
18-bit universal bus transceiver; 3-state
Rev. 03 — 5 July 2005
Product data sheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21