| データシートサーチシステム |
|
CS5535 データシート(PDF) 147 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
CS5535 データシート(HTML) 147 Page - National Semiconductor (TI) |
|
147 / 555 page ![]() Revision 0.8 147 www.national.com GPIO Subsystem Functional Description (Continued) 4.15.1 Programming for Recommended Functions Table 2-8 "GPIO Options" on page 42 includes an “Recommended Use” column. Shown below are the register settings to achieve the example. Example Use Getting Example Use Note --------------------------------------------------------------------------------------- PCI_INTA# INPUT_ENABLE = 1 Setup GPIO Interrupt Mapper AC_BEEP OUT_ENABLE = 1 OUT_AUX1_SELECT = 1 IDE_IRQ0 INPUT_ENABLE = 1 IN_AUX1_SELECT = 1 DDC_SCL OUT_ENABLE = 1 Software write OUT_VALUE DDC_SDA OUT_ENABLE = 1 Software write OUT_VALUE MFGPT0 OUT_ENABLE = 1 OUT_AUX1_SELECT = 1 MFGPT1 OUT_ENABLE = 1 OUT_AUX1_SELECT = 1 PCI_INTB# INPUT_ENABLE = 1 Setup GPIO Interrupt Mapper UART1_TX OUT_ENABLE = 1 OUT_AUX1_SELECT = 1 UART1_RX INPUT_ENABLE = 1 IN_AUX1_SELECT = 1 THRM_ALRM# INPUT_ENABLE = 1 IN_AUX1_SELECT = 1 INPUT_INVERT = 1 SLP_CLK# OUT_ENABLE = 1 OUT_AUX1_SELECT = 1 GPIO IN INPUT_ENABLE = 1 Software read READ_BACK GPIO IN INPUT_ENABLE = 1 Software read READ_BACK SMB_CLK INPUT_ENABLE = 1 IN_AUX1_SELECT = 1 OUT_AUX1_SELECT = 1 SMB_DATA INPUT_ENABLE = 1 IN_AUX1_SELECT = 1 OUT_AUX1_SELECT = 1 LPC_AD0 Hardware default Table 2-6 "DIVIL_BALL_OPT" on page 29 LPC_AD1 Hardware default Table 2-6 "DIVIL_BALL_OPT" on page 29 LPC_AD2 Hardware default Table 2-6 "DIVIL_BALL_OPT" on page 29 LPC_AD3 Hardware default Table 2-6 "DIVIL_BALL_OPT" on page 29 LPC_DRQ# Hardware default Table 2-6 "DIVIL_BALL_OPT" on page 29 LPC_SERIRQ Hardware default Table 2-6 "DIVIL_BALL_OPT" on page 29 LPC_FRAME# Hardware default Table 2-6 "DIVIL_BALL_OPT" on page 29 WORK_AUX OUT_ENABLE = 1 OUT_AUX1_SELECT = 1 LOW_BAT# INPUT_ENABLE = 1 IN_AUX1_SELECT = 1 PME# INPUT_ENABLE = 1 Setup GPIO PME Mapper MFGPT7 OUT_ENABLE = 1 OUT_AUX1_SELECT = 1 PWR_BUT# INPUT_ENABLE = 1 IN_AUX1_SELECT = 1 |