| データシートサーチシステム |
|
STV-6410-R01 データシート(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV-6410-R01 データシート(HTML) 25 Page - STMicroelectronics |
|
25 / 105 page ![]() CMOS Sensor; Customer Datasheet, Rev 3.0, 28 September 2000 VV5410 & VV6410 Commercial in confidence 25/105 cd5410-6410f-3-0.fm 7.1.7 Video Timing Parameter The video timing parameter category comprises all the other shadow/working register pairs. The video timing parameter update pending flag will be unconditionally set if any of the following registers are written to: • Setup0[16] • Setup1[17] • fg_mode[20] • data_format[22] • op_format[23] • mode_select[24] • Dark Pixel Offset[44,45] • Dark Pixel Cancellation Setup Register • Black Pixel Offset[44,45] • Black Pixel Cancellation Setup Register • Line Length[82,83] • Field Length[97,98] 7.2 Timed Parameter Update Points The timed parameter categories are updated as follows: note: We refer to odd and even fields in the Table 9 below. In a video mode like CIF or QCIF the fields are all identical in length, we still have to be able to differentiate between fields to enable correct updating of register parameters. The order that the above timed parameters are updated is critical. Let us assume that all the pending flags are set, i.e. we have written to at least one register in each category. The working registers will be updated in the following order: 1. Coarse exposure 2. Tilt parameters Timed parameter category Updated point fine exposure Conditional on a change pending in the line length register. Line length change pending: update fine exposure at the odd to even field transition Line length change not pending: update fine exposure during the start of active video (SAV) region of the end of frame (EOF) line (the line that follows the last line of active video) in the odd field. coarse exposure Updated during the SAV region of the first dark line in an odd field clock division Updated at the odd to even field transition gain Updated during the SAV region of the EOF line in the odd field pan parameter Updated during the SAV region of the EOF line in the odd field tilt parameter Updated during the SAV region of the first visible line in an odd field video timing Updated at the odd to even field transition Table 9 : Timed Parameter Update Points |